Part Number Hot Search : 
UDZS33B 2DF5VSA NTE1451 MRF449 HPL31PT AUIRF7 TY0131A HER10
Product Description
Full Text Search
 

To Download MMSZ5221BS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
MMSZ5221BS THRU MMSZ5259BS
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
FEATURES
* * * * Planar Die construction Zener Voltages from 2.4V - 39V 500mW Power Dissipation Ideally Suited for Automated Assembly Processes
SOD-323
MECHANICAL DATA
* Case: Molded Plastic * Terminals:Solder plated, solderable per MIL-STD-202, Method 208 * Polarity: See Diagram Below * Mounting position: Any * Weight: 0.008 gram Approx.
.014(0.4) .008(0.2)
.110(2.8) .090(2.3) .071(1.8) .063(1.6) .054(1.4) .043(1.1)
.007(0.18) .003(0.08)
.004 MAX. (0.10)
.047(1.2) .031(0.8)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches(millimeters)
SYMBOL Zener Current see Table "Characteristics" Power Dissipation (Notes 1) at Tamb=25 oC Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) (Notes 2) Maximum Forward Voltage at IF=100mA Operating and Storage Temperature 5.0mm 2 Ptot IFSM VF TJ,Tstg
VALUE
UNITS
500 4.0 1.2 -55 to + 150
mW Amps Volts
o
C
Notes: 1. Mounted on (.013mm thick) land areas. 2. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
RATING AND CHARACTERISTIC CURVES (MMSZ5221BS THRU MMSZ5259BS)
Nominal Zener Test Zener Voltage Current IZT VZ@IZT Volts mA Maximum Zener Impedance ZZT@IZT ZZT@IZK Ohms Ohms mA A IZK Maximum Reverse Leakage Current IR @ VR Volts Typical Temperature Coefficient % / oC Max. Zener Current IZM@TA mA
TYPE
Marking Code
MMSZ5221BS MMSZ5222BS MMSZ5223BS MMSZ5225BS MMSZ5226BS MMSZ5227BS MMSZ5228BS MMSZ5229BS MMSZ5230BS MMSZ5231BS MMSZ5232BS MMSZ5233BS MMSZ5234BS MMSZ5235BS MMSZ5236BS MMSZ5237BS MMSZ5238BS MMSZ5239BS MMSZ5240BS MMSZ5241BS MMSZ5242BS MMSZ5243BS MMSZ5244BS MMSZ5245BS MMSZ5246BS MMSZ5247BS MMSZ5248BS MMSZ5249BS MMSZ5250BS MMSZ5251BS MMSZ5252BS MMSZ5253BS MMSZ5254BS MMSZ5255BS MMSZ5256BS MMSZ5257BS MMSZ5258BS MMSZ5259BS
2.4 2.5 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2
30 30 30 30 28 24 23 22 19 17 11 9 7 5 6 8 9 10 17 22 30 13 14 16 17 19 21 23 25 29 33 36 41 44 49 58 70 80
1200 1250 1300 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
100 100 75 50 25 15 10 5 5 5 5 5 5 3 3 3 3 3 3 3 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.0 6.5 6.5 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30
-0.070 -0.065 -0.060 -0.055 0.030 0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.060 +0.062 +0.065 +0.068 +0.075 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.082 +0.083 +0.084 +0.084 +0.085 +0.085 +0.086 +0.086 +0.087 +0.087 +0.087 +0.089 +0.090 +0.091 +0.091 +0.092
188 180 167 150 136 126 115 106 97 89 81 76 73 67 61 55 52 50 45 41 38 35 32 30 28 27 25 24 23 21 19.1 18.2 16.8 16.2 15.1 13.8 12.6 11.6
C1 C2 C3 C5 D1 D2 D3 D4 D5 E1 E2 E3 E4 E5 F1 F2 F3 F4 F5 H1 H2 H3 H4 H5 J1 J2 J3 J4 J5 K1 K2 K3 K4 K5 M1 M2 M3 M4
NOTE: Standard Zener Voltage Tolerance 5%
mA 50
Breakdown characteristics
5V 10V 15V 20V
MMSZ52-SERIES
25V 30V
changes in the power dissipation due to the ambient temperature. Power dissipation
40 IZ 30 Test Current IZ 20mA
Pd(mw)
500 400 300 200 100 50 100 150 200 300
0 10 20
MMSZ5224
MMSZ5235 MMSZ5234 MMSZ5232 MMSZ5231 MMSZ5230 MMSZ5229 MMSZ5228
MMSZ5239
MMSZ5241
MMSZ5242
MMSZ5245
MMSZ5250
MMSZ5252
Ta(oC) Ambient Temperature.
VZ
DC COMPONENTS CO., LTD.
R


▲Up To Search▲   

 
Price & Availability of MMSZ5221BS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X